Part Number Hot Search : 
05410 USC33000 020SE SMC870 07197 ESD5Z12 CR1553AA EPS13D2
Product Description
Full Text Search
 

To Download DF01ST-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd glass passivated bridge rectifiers page 1 rev :b df005s-hf thru. df10s-hf d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -jbr01 forward current: 1.0a rohs device maximum ratings and electrical characteristics o rating at 25 c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% dfs comchip t echnology co., l td. notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v . 2. unit mounted on p .c.b with 0.51"0.51" (1313mm) copper pads. 0.102(2.6) 0.089(2.2) 0.406(10.3) 0.394(10.0) 0.335(8.50) 0.307(7.80) 0.014(0.35) 0.008(0.20) 0.205(5.2) 0.197(5.0) 0.047(1.20) 0.037(0.95) 0.323(8.2) 0.315(8.0) 0.031(0.8) 0.023(0.6) 0.256(6.5) 0.244(6.2) 0.063(1.6) 0.055(1.4) features -rating to 1000v pr v -ideal for printed circuit board -low forward voltage drop,high current capability -reliable low cost construction utilizing molded plastic technique results in inexpensive product mechanical data -polarit:as marked on body -w eight: 0.34 grams -the plastic material has ul flammability classification 94v -0 -mounting position:any -lead tin pb/sn copper + - ~ ~ reverse v oltage: 50 to 1000v pa ra m et er sy m bo l un it maximum reverse peak repetitive v oltage maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current @t a =40c peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load maximum forward v oltage at 1.0a dc maximum reverse current at rated dc blocking v oltage @t j =125 c operating t emperature range storage t emperature range @t j =25 c t ypical junction capacitance (note 1) t ypical thermal resistance (note 2) 50 35 50 v rrm v rms v dc i (a v) i fsm 2 i t v f i r c j r ja t j t stg 1.0 30 10.4 1.1 10 500 25 40 -55 ~ +150 -55 ~ +150 v v v a a 2 a s v a pf c c c /w df01s- hf 100 70 100 df02s- hf 200 140 200 df04s- hf 400 280 400 df06s- hf 600 420 600 df08s- hf 800 560 800 df10s- hf 1000 700 1000 2 i t rating for fusing (t 8.3ms) df005s -hf halogen free
smd glass passivated bridge rectifiers page 2 rev : b rating and characteristics curves (df005s-hf thru. df10s-hf) qw -jbr01 comchip t echnology co., l td. fig.2 maximum non-repetitive surge current - 1 10 100 number of cycle at 60hz p e a k f o r w a r d s u r g e c u r r e n t , ( a ) fig.1 - forward current derating curve 0 50 100 150 0 0.4 0.8 1.0 ambient t emperature, (c) a v e r a g e f o r w a r d c u r r e n t , ( a ) 0.2 0.6 fig.4 t ypical forward characteristics - 0 0.4 0.8 1.0 1.4 0.01 instantaneous forward v oltage, (v) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.1 1.0 10 0 20 40 10 30 1.2 0.6 0.2 mounted on pc board, single phase half wave, 60hz, resistive or inductive load t j =25 c pulse width: 300us 2% duty cycle 1.8 1.6 single half sine wave (jedec method) fig.5 t ypical reverse characteristics - 20 40 60 80 0.01 1.0 100 percent of peak reverse v oltage, (%) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) 100 120 140 0 0.1 10 t j =125 c t j =25 c fig.3 t ypical junction capacitance - 0.1 1 10 100 1 10 100 reverse v oltage, (v) c a p a c i t a n c e , ( p f ) t j =25c f=1mhz
smd glass passivated bridge rectifiers page 3 rev : b qw -jbr01 comchip t echnology co., l td. o 1 2 0 d 1 d 2 d w 1 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start direction of feed reel t aping specification b c d d d 2 d 1 d f s s y m b o l ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 1 2 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 5 0 . 0 m i n . 1 3 . 0 0 0 . 2 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 6 . 0 0 0 . 3 0 1 6 . 0 0 ~ 1 8 . 4 0 3 3 0 0 . 0 6 1 0 . 0 0 2 1 3 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 6 3 0 0 . 0 1 2 0 . 4 7 2 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 6 3 0 ~ 0 . 7 2 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 7 . 5 0 0 . 0 5 0 . 2 9 5 0 . 0 0 2 8 . 6 4 0 . 1 0 0 . 3 4 0 0 . 0 0 4 1 0 . 4 1 0 . 1 0 0 . 4 0 9 0 . 0 0 4 3 . 8 1 0 . 1 0 0 . 1 5 0 0 . 0 0 4 0 . 3 2 0 . 0 1 3 t a t c i n d e x h o l e d e f b w p p 0 p 1 a d f s
smd glass passivated bridge rectifiers page 4 rev : b qw -jbr01 comchip t echnology co., l td. marking code xx / xxx = product type marking code c = comchip logo + - c df xxs ~ ~ part number marking code df005sp-hf df01sp- hf df02sp- hf df04sp- hf df06sp- hf df08sp- hf df10sp- hf df005st - hf df01st - hf df02st - hf df04st - hf df06st - hf df08st - hf df10st - hf packaging t ube t ube t ube t ube t ube t ube t ube reel reel reel reel reel reel reel df 005s df 01s df 02s df 04s df 06s df 08s df 10s df 005s df 01s df 02s df 04s df 06s df 08s df 10s standard packaging suggested p ad layout c b size (inch) 0.047 min (mm) 1.20 min 5.21 ref 1.52 min 0.205 ref 0.060 min dfs 10.26 max 0.404 max a b c d d a 1) suf fix code after part number to specify packaging item . note: p a c k a g in g t u b e p a c k r e e l p a c k c o d e p t c a s e t y p e d f s 5 0 t u b e ( p c s ) t u b e p a c k 5 , 0 0 0 b o x ( p c s ) c a s e t y p e d f s 1 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k


▲Up To Search▲   

 
Price & Availability of DF01ST-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X